do not scale from this print .1200 ref 3.048 .0550 1.397 .0100 ref 0.254 .0060 ref 0.152 2 max toe (typ) "a" "a" -lc: locking clip option shown lc-08-tm-01 .2450 ref 6.223 .2850 7.239 ref .0200 ref 0.508 .1500 ref 3.810 (no of positions x.0315[.80]) + .2075[5.27] ref (no of positions -1) x .0315[.80] .1195 ref 3.035 .0283 0.718 bse-xxx-01-d c2 01 02 bse-xxx-01-x-d-xx no of positions -020, -040, -060, *-080, *-090, *-100, *-120 (per row) row specification -d: double (use bse-xxx-01-d-x) option -a: alignment pins (use bse-xxx-01-d-a) -lc: locking clips (use lc-08-tm-01) -tr: tape & reel (80 pos. max) -fl: friction lock (see fig. 2) (use bse-xxx-01-d-x-fl) plating specification -f: flash selective gold with matte tin tails (see note 6 & 9) -l: light selective gold with matte tin tails (see note 9) -h: heavy gold (see note 9) -c: electro-polished selective (see note 9) lead style -01: .1280 [3.25] .1280 - .0010 + .0030 3.251 - 0.03 + 0.08 (see note 7) .2950 ref 7.493 .070 ref 1.765 .006 ref 0.147 .0375 0.953 u section "a"-"a" c3 c1 see table 1 (no of positions x .0315[.80]) + .1625[4.13] ref -a: alignment pin option shown bse-xxx-01-d-a bte-060-01-x-d-a shown .0350 ref 0.889 .0375 ref 0.953 .0375 ref 0.953 r tube: pt-1-24-03-78 plug: tp-09 packaging view "b" "b" -fl option bse-020-01-x-d-a-fl shown (same as fig. 1, unless otherwise stated) fig. 2 bse-xxx-01-d-x-fl .080 ref 2.03 + .167[4.21] ref (no of pos x .0315[.80]) section "b"-"b" scale 2 : 1 c c-126-21-x (see note 9) fig. 1 bse-060-01-x-d-lc shown * = see note 8 sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01[.25] 2 .xxx: .005[.13] .xxxx: .0020[.051] material: .8mm double row socket assembly by: bse-xxx-01-x-d-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 05/24/1999 1 1 sheet scale: 1.5:1 insulator: black lcp socket:phos bronze f:\dwg\misc\mktg\bse-xxx-01-x-d-xx-mkt.slddrw notes: 1. represents a critical dimension. 2. note deleted. 3. burr allowance: .0015 [.04] max. 4. minimum pushout force: .5 lb. 5. note deleted. 6. Cl plating may be substituted for Cf plating. 7. max varience: .002 [.05] 8. for new applications requiring these positions, please contact samtec interconnect processing group. 9. -90 through -120 position parts use c-269-11-x. do not sub c-126-xx-x or c-224-01-x. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision u
|